PART |
Description |
Maker |
TFMBG150A |
SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
|
Rectron Semiconductor
|
1.5SMC 1.5SMC100A 1.5SMC6.8A-E3_57T 1.5SMC6.8A-E3_ |
Surface Mount TRANSZORB㈢ Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors
|
Vishay Siliconix
|
SMF5.0A SMF130A SMF190A SMF190CA SMF160A SMF150A S |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors (TVS) Surface Mount Transient Voltage Suppressors (TVS) The SMF series is designed specifically to protect sensitive electronic
|
UN Semiconducctor INC
|
SMDJ100A SMDJ110A SMDJ130A SMDJ120A SMDJ150 SMDJ17 |
100.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 110.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 130.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 120.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 150.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 170.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 160.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications
|
MDE Semiconductor
|
SM15T68A SM15T10A-E3_57T SM15T10A-E3_9AT SM15T10AH |
Surface Mount TRANSZORB㈢ Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors
|
Vishay Siliconix
|
TPC27AHM3/87A TPC6.8 TPC6.8A TPC30 TPC8.2A TPC9.1A |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, TO-277A HALOGEN FREE AND ROHS COMPLIANT, PLASTIC, SMPC, 3 PIN Surface Mount PAR Transient Voltage Suppressors Surface Mount PAR Transient Voltage Suppressors
|
Vishay Beyschlag Vishay Siliconix VISHAY SEMICONDUCTORS
|
SMB10J6.0 SMB10J6.0A SMB10J6.5 SMB10J6.5A SMB8J8.0 |
High Power Density Surface Mount TRANSZORB㈢ Transient Voltage Suppressors High Power Density Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors High Power Density Surface Mount TRANSZORB庐 Transient Voltage Suppressors High Power Density Surface Mount TRANSZORB? Transient Voltage Suppressors
|
Vishay Siliconix http://
|
SMBG33A SMBG33 SMBJ7.0A SMBJ5.0A SMBJ6.0A SMBJ9.0A |
SURFACE MOUNT 600 Watt Transient Voltage Suppressor 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA SURFACE MOUNT 600 Watt Transient Voltage Suppressor 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA MS3470L14-4S MS3470L14-4P CMOS Strobed Hex Inverter/Buffer with 3-State Outputs 16-TSSOP -55 to 125 SURFACE MOUNT 600 Watt Transient Voltage Suppressor
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
T4ARS3507M T4ARS3505M T4ARS3506M |
TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
|
Rectron Semiconductor
|
T4ARBU405M10 |
TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
|
Rectron Semiconductor
|
SMAJ550 SMAJ530 |
SURFACE MOUNT TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
|
GE[General Semiconductor]
|
P4KE P4KE-6.8 P4KE-6.8A P4KE-7.5 P4KE-7.5A P4KE-11 |
6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS 6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
|
First Components International First Components Intern...
|